Part Number Hot Search : 
C68HC711 041MR MA3S781D MB3883 FCA20N60 BC857B D203I 2SC3043
Product Description
Full Text Search
 

To Download SB150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120 THRU SB1100
Features
* Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 * Metal silicon junction, majority carrier conduction * Guard ring for overvoltage protection * Low power loss, high efficiency * High current capability, Low forward voltage drop * High surge capability * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed : 250E /10 seconds at terminals, 0.375" (9.5mm) lead length, 5lbs. (2.3Kg) tension
CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
DO-41
0.107(2.7) 0.080(2.0) DIA.
1.0(25.4) MIN.
0.205(5.2) 0.166(4.2)
Mechanical Data
* Case : JEDEC DO-41 molded plastic body * Terminals : Plated axial leads, solderable per MIL-STD-750, Method 2026 * Polarity : Color band denotes cathode end * Mounting Position : Any * Weight : 0.012 ounce, 0.33 gram
0.034(0.9) 0.028(0.7) DIA. 1.0(25.4) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive load. For capacitive load, derate by 20%)
Symbols Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length(see Fig. 1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 1.0A (Note 1) Maximum instantaneous reverse current at rated DC blocking voltage (Note1) Typical junction capacitance (Note 3) Typical thermal resistance (Note 2) Operating junction temperature range Storage temperature range TA=25E TA=100E IR CJ Re JA Re JL TJ TSTG -65 to +125 -65 to +150 VRRM VRMS VDC I(AV) SB120 20 14 20
SB130
SB140 40 28 40
SB150 50 35 50 1.0
SB160
SB180 SB1100 Units 80 56 80 100 70 100 Volts Volts Volts Amp
30 21 30
60 42 60
IFSM
40.0
Amps
VF
0.55 0.5 10 110
0.70
0.75
0.83
Volts
mA
PF
50.0 15.0 -65 to +150
E /W E E
Notes:
(1) Pulse test: 300iS pulse width, 1% duty cycle (2) Thermal resistance from junction to ambient P.C.B. mounted, with 1.5X1.5"(38X38mm) copper pads (3) Measured 1.0MHz and reverse voltage of 4.0 volts
RATINGS AND CHARACTERISTIC CURVES SB120 THRU SB1100
FIG.1-FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES 1 0.75 PEAK FORWARD SURGE CURRENT(AMPERES)
SB120-SB140 SB150-SB1100
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
50 40 30 20 10 0 1 10 NUMBER OF CYCLES AT 60Hz 100
TJ=TJ MAX 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.5 0.25 0 0 25 50 75 100 125 150 175
RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5MM) LEAD LENGTH
LEAD TEMPERATURE (E )
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
50 INSTANTANEOUS FORWARD CURRENT (AMPERES)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
100
| | SB120-SB140 - - - SB150-SB1100
10
INSTANTANEOUS REVERSE CURRENT MILL (AMPERES)
TJ=125E TJ=150E
PULSE WIDTH=300A 1% DUTY CYCLE
10
TJ=125E
1
1.0
0
0.1
TJ=25E
TJ=75E
| | SB120-SB140 - - - SB150-SB1100
0.01
TJ=25E
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.001 0 INSTANTANEOUS FORWARD VOLTAGE (VOLTS) 20 40 60 80 100 PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
100
400
TJ=25E f=1.0MHz Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE,E / W
JUNCTION CAPACITANCE(pF)
10
100
1
| | SB120-SB140 - - - SB150-SB1100
10
0.1
1
10
100
0.1 0.01 0.1 1 T, PULSE DURATION, sec. 10 100
REVERSE VOLTAGE. VOLTS


▲Up To Search▲   

 
Price & Availability of SB150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X